PART |
Description |
Maker |
M54HC160D M54HC160D1 M54HC160K M54HC160K1 M54HC160 |
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
STMicroelectronics
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
IRHF7330SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad Hard HEXFET????朵?绠々
|
International Rectifier
|
AT697E-2E-MQ AT697E06 AT83C21GCXXX-PUTUL AT83C21GC |
Rad-Hard 32 bit SPARC V8 Processor GemCore Serial Lite PRO Rad Hard 512K x 8 Very Low Power CMOS SRAM CAN Controller for Space Application GemCore Serial Lite PRO
|
ATMEL Corporation http://
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
AT697E-2H-E AT697E-2H-SV AT697E-KG-E AT697E-KG-MQ |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
RHFXH162373K03V |
Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
RHFL7913A11 RHFL7913KPA-02V |
Rad-Hard 2.0A adjustable negative Vreg Rad-hard adjustable negative voltage regulator
|
ST Microelectronics STMicroelectronics
|
TSC695FL TSC695FL-15MA TSC695FL-15MA-E TSC695FL-15 |
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
|
ATMEL Corporation
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
HS-82C54RH |
Interval Timer, CMOS, Three 16-Bit Counters, 5MHz, 20A, Rad-Hard
|
Intersil
|